PART |
Description |
Maker |
96P-6033-52V-0 0850030127 85003-0127 |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6μm (24μ) Selective Gold (Au), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6渭m (24渭") Selective Gold (Au), 64 Circuits
|
Molex Electronics Ltd.
|
36511-0169 MM-B1440-R963 0365110169 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10μm (43μ) Gold (Au) Plating, Tail Length 13.00mm (.512), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10渭m (43渭") Gold (Au) Plating, Tail Length 13.00mm (.512"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10楼矛m (43楼矛") Gold (Au) Plating, Tail Length 13.00mm (.512"), 64 Circuits
|
Molex Electronics Ltd.
|
0850031378 85003-1378 |
2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27μm (50μ) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27渭m (50渭) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27楼矛m (50楼矛) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips
|
Molex Electronics Ltd.
|
0850032763 85003-2763 |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole ,0.25μm(10μ) Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole ,0.25楼矛m(10楼矛") Selective Gold (Au), 64 Circuits, Lead free MOLEX Connector
|
Molex Electronics Ltd.
|
0365010121 MM-B2402-C483 36501-0121 |
2.54mm (.100) Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 1.10μm (43μ) Selective Gold (Au) Plating, 32 Circuits 2.54mm (.100") Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 1.10渭m (43渭") Selective Gold (Au) Plating, 32 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0850032529 85003-2529 |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle , Through Hole ,1μm (40μ) Selective Gold (Au) , 96 Circuits, First-Mate-Last-Break Pins Available, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle , Through Hole ,1楼矛m (40楼矛) Selective Gold (Au) , 96 Circuits, First-Mate-Last-Break Pins Available, MOLEX Connector
|
Molex Electronics Ltd.
|
0850426086 85042-6086 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
0850426098 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
0850426074 85042-6074 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
0850420074 85042-0074 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 32 Circuits
|
Molex Electronics Ltd.
|
0850423316 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 32 Circuits
|
Molex Electronics Ltd.
|
0365010026 MM-B2502-C480 MMB2502C480 36501-0026 |
2.54mm (.100") Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 48 Circuits 2.54mm (.100) Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 48 Circuits
|
Molex Electronics Ltd.
|
|